Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LG T671-K2N1-1 Datasheet (PDF) - ams-OSRAM AG

LG T671-K2N1-1 Datasheet PDF - ams-OSRAM AG
Part # LG T671-K2N1-1
Download  LG T671-K2N1-1 Download
File Size   1240.19 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description TOPLED®

LG T671-K2N1-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LG T671-K2N1-1 Datasheet PDF - ams-OSRAM AG

Part # LG T671-K2N1-1
Download  LG T671-K2N1-1 Click to download

File Size   1240.19 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description TOPLED®

LG T671-K2N1-1 Datasheet (HTML) - ams-OSRAM AG


LG T671-K2N1-1 Product details

Applications
——Cluster, Button Backlighting
——Electronic Equipment
——Interior Illumination (e.g. Ambient Map)
——White Goods
Features:
——Package: white PLCC-2 package, colorless clear resin
——Chip technology: GaAsP
——Typ. Radiation: 120° (Lambertian emitter)
——Color: λdom = 570 nm (● green)
——Corrosion Robustness Class: 3B
——ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)




Similar Part No. - LG T671-K2N1-1

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LG T670-K1M2-1 AMSOSRAM-LG T670-K1M2-1 Datasheet
1Mb / 22P
TOPLED®
2019-07-22
LG T676-P1Q2-24 AMSOSRAM-LG T676-P1Q2-24 Datasheet
1Mb / 21P
TOPLED®
2021-12-10
LG T676-P2R1-24 AMSOSRAM-LG T676-P2R1-24 Datasheet
1Mb / 21P
TOPLED®
2021-12-10
LG T679-E2H1-1 AMSOSRAM-LG T679-E2H1-1 Datasheet
1Mb / 22P
TOPLED®
2019-07-22
LG T67F-R1T1-24 AMSOSRAM-LG T67F-R1T1-24 Datasheet
1Mb / 22P
TOPLED®
2024-01-16
More results


Similar Description - LG T671-K2N1-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
TOPLED
logo
ams AG
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
SFH4257 AMSCO-SFH4257 Datasheet
760Kb / 17P
TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com